Part Number Hot Search : 
SI4778DY XP514618 STUS053 CDRH104 RA45H CAPA110 1N522 PIC16C65
Product Description
Full Text Search
 

To Download 240-801-02 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Heavy Duty Double-Start Coupling Printed Circuit Board Versions with PCB or Solder Cup Contacts
240-801-02 and -08 "Mighty Mouse" Filter Connector
Series 80 Mighty Mouse
4x
F Through .005 (.13)
E BSC TYP
Master Keyway C See Note 5
1.200 (30.5) Max .430 (10.9) Max .060 (1.5) .125 +/- .015 (31.8 +/- .4) PC Tail .022 / .018 ( .6 / .5) A Thread Red Full Mate Indicator Band 1.36 (34.5) Max Solder Cup .025 (.6)
02 - Square Flange Receptacle with Printed Circuit Board Contacts
D SQ TYP
B
M
C
08 - Jam Nut Receptacle with Printed Circuit Board Contacts
.430 (10.9) Max Master Keyway G .060 (1.5) .100 (2.5) Max Panel Thickness (31.8 +/- .4) PC Tail J Flat
.022 / .018 ( .6 / .5) A Thread Red Full Mate Indicator Band K Thread Solder Cup .025 (.6)
B
H Flat TYP
TABLE I: DIMENSIONS
SHELL SIZE 5 6 7 8 9 10 13 16 17 A THREAD .3125- .05P- .1L -2A .3750- .05P- .1L -2A .4375- .05P- .1L -2A .5000- .05P- .1L -2A .5625- .05P- .1L -2A .6250- .05P- .1L -2A .8125- .1P- .2L -2A 1.000- .1P- .2L -2A 1.0625- .1P- .2L -2A B .245 (6.2) .330 (8.4) .442 (11.2) .493 (12.5) .551 (14.0) .620 (15.7) .703 (17.9) .863 (21.9) .912 (23.2) C .680 (17.3) .750 (19.1) .850 (21.6) .938 (23.8) 1.125 (28.6) 1.188 (30.2) 1.375 (34.9) 1.625 (41.3) 1.700 (43.2) D SQ .530 (13.5) .590 (15.0) .650 (16.5) .712 (18.1) .850 (21.6) .890 (22.6) 1.030 (26.2) 1.219 (31.0) 1.280 (32.5) E F HOLES BSC .363 (9.2) .423 (10.7) .483 (12.3) .545 (13.8) .607 (15.4) .670 (17.0) .812 (20.6) .981 (24.9) 1.060 (26.9) .096 (2.4) .091 (2.3) .096 (2.4) .091 (2.3) .096 (2.4) .091 (2.3) .096 (2.4) .091 (2.3) .130 (3.3) .126 (3.2) .130 (3.3) .126 (3.2) .130 (3.3) .126 (3.2) .130 (3.3) .126 (3.2) .130 (3.3) .126 (3.2) G .575 (14.6) .635 (16.1) .755 (19.2) .755 (19.2) .830 (21.1) .890 (22.6) 1.078 (27.4) 1.264 (32.1) 1.325 (33.7) H J FLAT FLAT .545 (13.8) .595 (15.1) .723 (18.4) .723 (18.4) .790 (20.1) .855 (21.7) 1.044 (26.5) 1.230 (31.2) 1.290 (32.8) K THREAD
.350 .3750-28 UN-2A (8.9) .410 .4375-28 UNEF-2A (10.4) .536 .5625-32 UN-2A (13.6) .536 .5625-32 UN-2A (13.6) .596 .6250-28 UN-2A (15.1) .658 .6875-28 UN-2A (16.7) .845 .875-28 UN-2A (21.5) 1.022 1.0625-20 UN-2A (26.0) 1.096 1.125-28 UN-2A (27.8)
(c) 2008 Glenair, Inc. www.glenair.com
CAGE Codes 06324
Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 E-Mail: sales@glenair.com C-8


▲Up To Search▲   

 
Price & Availability of 240-801-02

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X